Part Number Hot Search : 
24C00ISN 4A17A BC850BL A143Z 42375 AXIOM75 P87C5 GF3AB
Product Description
Full Text Search
 

To Download HYS64T128022HM-37-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  november 2006 hys64t128022hm?3s?a hys64t128022hm?3.7?a 214-pin micro-dimm-ddr2-sdram modules mdimm ddr2 sdram rohs compliant internet data sheet rev. 1.01
we listen to your comments any information within this document that yo u feel is wrong, unclear or missing at all? your feedback will help us to continuous ly improve the quality of this document. please send your proposal (including a reference to this document) to: techdoc@qimonda.com internet data sheet hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module qag_techdoc_rev400 / 3.2 qag / 2006-08-07 2 06212006-ddw4-nmie hys64t128022hm?3s?a, hys64t128022hm?3.7?a revision history: 2006-11, rev. 1.01 page subjects (major chan ges since last revision) all qimonda update all adapted internet edition previous revision: 2006-03, rev. 1.0
internet data sheet rev. 1.01, 2006-11 3 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 1overview this chapter gives an overview of the 1.8 v 214-pin micro-dimm-ddr2-sdram module product family and describes its main characteristics. 1.1 features ? 214-pin pc2-5300 and pc2-4200 ddr2 sdram memory modules. ? 128m 64 module organization, and 2 64m 8 chip organization ? standard double-data-rate-two synchronous drams (ddr2 sdram) with a single + 1.8 v ( 0.1 v) power supply ? two 512mbit ddr2 sdram dies in a common p-tfbga- 63 package (dual-die) ? programmable cas latencies (3, 4 and 5), burst length (8 & 4) and burst type ? burst refresh, distributed refresh and self refresh ? all inputs and outputs sstl_1.8 compatible ? off-chip driver impedance adjustment (ocd) and on-die termination (odt) ? serial presence detect with e 2 prom ? mdimm dimensions (nominal): 30 mm high, 54.0 mm wide ? 2-piece type mezzanine socket with 0,4 mm contact centers ? rohs compliant products 1) table 1 performance table 1) rohs compliant product: restriction of the use of certain hazar dous substances (rohs) in el ectrical and electronic equipment as defined in the directive 2002/95/ec issued by the european parliament and of the council of 27 january 2003. these substances include m ercury, lead, cadmium, hexavalent chromium, polybro minated biphenyls and polybrominated biphenyl ethers. product type speed code ?3s ?3.7 unit speed grade pc2?5300 5?5?5 pc2?4200 4?4?4 ? max. clock frequency @cl5 f ck5 333 266 mhz @cl4 f ck4 266 266 mhz @cl3 f ck3 200 200 mhz min. ras-cas-delay t rcd 15 15 ns min. row precharge time t rp 15 15 ns min. row active time t ras 45 45 ns min. row cycle time t rc 60 60 ns
internet data sheet rev. 1.01, 2006-11 4 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 1.2 description the qimonda hys64t128022hm?[3s/3.7]?a module family are unbuffered micr o-dimm modules ?mdimms? with 30 mm height based on ddr2 technology. dimms are available as non-ecc modules in 128m 64 (1gb) organization and density, intended for mounting into 214-pin mezzanine connector sockets. the memory array is designed with 512-mbit double-data- rate-two (ddr2) synchronous drams. decoupling capacitors are mounted on the pcb board. the dimms feature serial presence detect based on a serial e 2 prom device using the 2-pin i 2 c protocol. the first 128 bytes are programmed with configuration da ta and are write protected; the second 128 bytes are available to the customer. table 2 ordering informationfor rohs compliant products product type 1) 1) all product type numbers end with a place code, designating the silicon die revision. exampl e: hys64t128022hm?3.7?a, indicati ng rev. ?a? dies are used for ddr2 sdram component s. for all qimonda ddr2 module and componen t nomenclature see chapter 6 of this data sheet. compliance code 2) 2) the compliance code is printed on the module label and describes the speed grade, for example ?pc2?4200m?444?12?zz?, where 4200m means unbuffered micro-dimm modules wi th 4.26 gb/sec module bandwidth and ?444-11? means column address strobe (cas) latency = 4, row column delay (rcd) latency = 4 and row precharge (rp) latency = 4 using the latest jedec spd revision 1.2 and produced on the raw card ?z?. description sdram technology pc2-5300 hys64t128022hm?3s?a 1gb 2r 8 pc2?5300m?555?12?zz 2 rank, non-ecc 2 512 mbit ( 8)) pc2?4200 hys64t128022hm?3.7?a 1gb 2r 8 pc2?4200m?444?12?zz 2 rank, non-ecc 2 512 mbit ( 8))
internet data sheet rev. 1.01, 2006-11 5 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module table 3 address format table 4 components on modules dimm density module organization memory ranks ecc/ non-ecc # of sdrams # of row/bank/columns bits raw card 1 gbyte 128m 64 2 non-ecc 16 14/2/10 zz product type 1) 1) green product dram components 1) dram density dram organisation note 2) 2) for a detailed description of all functionalities of the dram components on these modules see the component data sheet. hys64t128022hm hyb18t512802af 2 512 mbit 2 64m 8
internet data sheet rev. 1.01, 2006-11 6 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 2 pin configuration the pin configuration of the ddr2 sdram micro-dimm is listed by function in table 5 (214 pins). the abbreviations used in columns pin and buffer type are explained in table 6 and table 7 respectively. the pin numbering is depicted in figure 1 . table 5 pin configuration of mdimm ball no. name pin type buffer type function clock signals 122 ck0 i sstl clock signal ck 1:0, complementary clock signal ck 1:0 194 ck1 i sstl 123 ck0 i sstl 195 ck1 i sstl 43 cke0 i sstl clock enables 1:0 note: 2-rank module 147 cke1 i sstl nc nc not connected note: 1-rank module control signals 165 s0 i sstl chip select rank 1:0 note: 2-rank module. 62 s1 i sstl nc nc not connected note: 1-rank module 163 ras i row address strobe (ras), column address strobe (cas), write enable (we) 60 cas i sstl 56 we i sstl address signals 55 ba0 i sstl bank address bus 1:0 162 ba1 i sstl 46 ba2 i sstl bank address bus 2 note: greater than 512mb ddr2 sdrams nc nc ? not connected note: less than 1gb ddr2 sdrams
internet data sheet rev. 1.01, 2006-11 7 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 161 a0 i sstl address inputs 12:0, address input 10/autoprecharge 159 a1 i sstl 52 a2 i sstl 158 a3 i sstl 51 a4 i sstl 50 a5 i sstl 157 a6 i sstl 48 a7 i sstl 155 a8 i sstl 154 a9 i sstl 54 a10 i sstl ap i sstl 47 a11 i sstl 153 a12 i sstl 167 a13 i sstl address input 13 note: modules based on 4/ 8 component nc nc ? not connected note: modules based on 16 component data signals 3 dq0 i/o sstl data bus 0:38 note: data input/output pins 4 dq1 i/o sstl 9 dq2 i/o sstl 10 dq3 i/o sstl 109 dq4 i/o sstl 110 dq5 i/o sstl 114 dq6 i/o sstl 115 dq7 i/o sstl 12 dq8 i/o sstl ball no. name pin type buffer type function
internet data sheet rev. 1.01, 2006-11 8 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 13 dq9 i/o sstl data bus 0:38 note: data input/output pins 21 dq10 i/o sstl 22 dq11 i/o sstl 117 dq12 i/o sstl 118 dq13 i/o sstl 125 dq14 i/o sstl 126 dq15 i/o sstl 24 dq16 i/o sstl 25 dq17 i/o sstl 30 dq18 i/o sstl 31 dq19 i/o sstl 128 dq20 i/o sstl 129 dq21 i/o sstl 133 dq22 i/o sstl 134 dq23 i/o sstl 33 dq24 i/o sstl 34 dq25 i/o sstl 38 dq26 i/o sstl 39 dq27 i/o sstl 136 dq28 i/o sstl 137 dq29 i/o sstl 142 dq30 i/o sstl 143 dq31 i/o sstl 67 dq32 i/o sstl 68 dq33 i/o sstl 73 dq34 i/o sstl 74 dq35 i/o sstl 174 dq36 i/o sstl 175 dq37 i/o sstl 179 dq38 i/o sstl 180 dq39 i/o sstl data bus 39:57 76 dq40 i/o sstl 77 dq41 i/o sstl 81 dq42 i/o sstl 82 dq43 i/o sstl 182 dq44 i/o sstl 183 dq45 i/o sstl 188 dq46 i/o sstl 189 dq47 i/o sstl 84 dq48 i/o sstl ball no. name pin type buffer type function
internet data sheet rev. 1.01, 2006-11 9 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 85 dq49 i/o sstl data bus 39:57 92 dq50 i/o sstl 93 dq51 i/o sstl 191 dq52 i/o sstl 192 dq53 i/o sstl 200 dq54 i/o sstl 201 dq55 i/o sstl 95 dq56 i/o sstl 96 dq57 i/o sstl 101 dq58 i/o sstl 102 dq59 i/o sstl 203 dq60 i/o sstl 204 dq61 i/o sstl 208 dq62 i/o sstl 209 dq63 i/o sstl 7 dqs0 i/o sstl data strobes 7:0 6 dqs0 i/o sstl 19 dqs1 i/o sstl 18 dqs1 i/o sstl 28 dqs2 i/o sstl 27 dqs2 i/o sstl 140 dqs3 i/o sstl 139 dqs3 i/o sstl 71 dqs4 i/o sstl 70 dqs4 i/o sstl 186 dqs5 i/o sstl 185 dqs5 i/o sstl 198 dqs6 i/o sstl 197 dqs6 i/o sstl 99 dqs7 i/o sstl 98 dqs7 i/o sstl 112 dm0 i sstl data masks 7:0 note: 8 based module 120 dm1 i sstl 131 dm2 i sstl 36 dm3 i sstl 177 dm4 i sstl 79 dm5 i sstl 90 dm6 i sstl 206 dm7 i sstl ball no. name pin type buffer type function
internet data sheet rev. 1.01, 2006-11 10 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module eeprom 105 scl i cmos serial bus clock 104 sda i/o od serial bus data 211 sa0 i cmos serial address select bus 1:0 213 sa1 i cmos power supplies 1 v ref ai ? i/o reference voltage 42, 45, 49, 53, 57, 61, 64, 146, 149, 152, 156, 160, 164, 168, 171 v dd pwr ? power supply 107 v ddspd pwr ? eeprom power supply 2, 5, 8, 11, 14, 17, 20, 23, 26, 29, 32, 35, 37, 40, 66, 69, 72, 75, 78, 80, 83, 86, 89, 91, 94, 97, 100, 103, 108, 111, 113, 116, 119, 121, 124, 127, 130, 132, 135, 138, 141, 144, 173, 176, 178, 181, 184, 187, 190, 193, 196, 205, 199, 202, 207, 210 v ss gnd ? ground plane other pins 166 odt0 i sstl on-die termination control 1:0 note: 2-rank module 63 odt1 i sstl on-die termination control 1:0 note: 2-rank module nc not connected note: 1-rank module 15, 16, 41, 44, 46, 58, 59, 65, 87, 88, 106, 145, 148, 150, 151, 167, 169, 170, 172, 212, 214 nc nc not connected ball no. name pin type buffer type function
internet data sheet rev. 1.01, 2006-11 11 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module table 6 abbreviations for pin type table 7 abbreviations for buffer type abbreviation description i standard input-only pin. digital levels. o output. digital levels. i/o i/o is a bidirectional input/output signal. ai input. analog levels. pwr power gnd ground nc not connected abbreviation description sstl serial stub terminated logic (sstl_18) cmos cmos levels od open drain. the corresponding pin has 2 oper ational states, active low and tristate, and allows multiple devices to share as a wire-or.
internet data sheet rev. 1.01, 2006-11 12 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module figure 1 pin configuration for two-piece me zzanine socket on mdimm (214 pins) 0 33 7      9  6 6  ' 4   ' 0   ' 4   9  6 6  ' 4    ' 0   & .   9  6 6  ' 4    ' 4    9  6 6  9  6 6  ' 4    ' 4    9  6 6  ' 4 6   ' 4    9  6 6  9  ' '  1 &  1 &  9  ' '  $  9  ' '  $  9  ' '  % $  9  ' '  2 ' 7   9  ' '  1 &  1 &  ' 4    9  6 6  9  6 6  ' 4    ' 4    9  6 6  ' 4 6   ' 4    9  6 6  ' 4    & .   9  6 6  ' 4 6   ' 4    9  6 6  ' 4    ' 0   ' 4    9  6 6  1 &  1 &  ' 4    9  6 6  ' 4    ' 4 6   9  6 6  ' 4    ' 4    9  6 6  9  6 6  ' 4    1 &  & . (   9  ' '  $   9  ' '  $  9  ' '  % $  9  ' '  1 &  9  ' '  2 ' 7   1 &  1 &  ' 4    9  6 6  ' 4 6   ' 4    9  6 6  ' 4    ' 0   ' 4    9  6 6  ' 4    1 &  9  6 6  9  6 6  ' 4    ' 4    9  6 6  ' 4 6   ' 4    9  6 6  6 & / 9  ' ' 6 3'  3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q                          3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q                          9  5 ( )  ' 4   9  6 6  ' 4 6   ' 4   9  6 6  ' 4   1 &  9  6 6  ' 4 6   ' 4   ' 4 6   9  6 6  ' 4   ' 4   9  6 6  1 &  ' 4 6   9  6 6  9  6 6  3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      ' 4    ' 4    9  6 6  ' 4 6   ' 4    9  6 6  ' 4    ' 0   ' 4    9  6 6  9  ' '  1 &  1 &  % $  $  $  $  $   $3  : (  1 &  & $6  6   1 &  9  ' '  9  6 6  ' 4    ' 4 6   9  6 6  ' 4    ' 4    9  6 6  9  6 6  ' 4    ' 4    9  6 6  1 &  ' 0   ' 4    9  6 6  ' 4    ' 4 6   9  6 6  ' 4    6 ' $ 1 &                                                                                        3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q                                                                                              3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q                          3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q                          9  6 6  9  6 6  ' 4   ' 4    9  6 6  9  6 6  & .   ' 4    9  6 6  ' 4   3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      ' 4    ' 0   ' 4    9  6 6  ' 4    ' 4 6   9  6 6  ' 4    1 &  & . (   1 &  9  ' '  1 &  $   $  $  $  $  5 $6  6   1 &  1 &  9  ' '  9  6 6  ' 4    ' 0   ' 4    9  6 6  ' 4    ' 4 6   9  6 6  ' 4    ' 4    9  6 6  & .   ' 4 6   9  6 6  ' 4    ' 4    9  6 6  9  6 6  ' 4    6 $  6 $                                                                                        3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q      3 l q                                                                                             
internet data sheet rev. 1.01, 2006-11 13 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 3 electrical characteristics this chapter lists the el ectrical characteristics. 3.1 absolute maximum ratings caution is needed not to exceed absolute maximum ratings of the dram device listed in table 8 at any time. table 8 absolute maximum ratings attention: stresses greater than those listed under ?abs olute maximum ratings? may cause permanent damage to the device. this is a stress rating only and functi onal operation of the device at these or any other conditions above those indicated in the operational sect ions of this specification is not implied. exposure to absolute maximum rating conditions fo r extended periods may affect reliability. table 9 dram component operating temperature range symbol parameter rating unit note min. max. v dd voltage on v dd pin relative to v ss ?1.0 +2.3 v 1) 1) when v dd and v ddq and v ddl are less than 500 mv; v ref may be equal to or less than 300 mv. v ddq voltage on v ddq pin relative to v ss ?0.5 +2.3 v 1)2) v ddl voltage on v ddl pin relative to v ss ?0.5 +2.3 v 1)2) v in , v out voltage on any pin relative to v ss ?0.5 +2.3 v 1) t stg storage temperature ?55 +100 c 1)2) 2) storage temperature is the case surface temperature on the center/top side of the dram. symbol parameter rating unit note min. max. t oper operating temperature 0 95 c 1)2)3)4) 1) operating temperature is the case surface te mperature on the center / top side of the dram. 2) the operating temperature range are the temperatures where all dr am specification will be suppor ted. during operation, the dr am case temperature must be maintained between 0 - 95 c under all other specification parameters. 3) above 85 c the auto-refresh command interval has to be reduced to t refi = 3.9 s 4) when operating this product in the 85 c to 95 c tcase tem perature range, the high temperature self refresh has to be enable d by setting emr(2) bit a7 to ?1?. when the high temperatur e self refresh is enabled there is an increase of i dd6 by approximately 50%
internet data sheet rev. 1.01, 2006-11 14 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 3.2 dc operating conditions this chapter contains the dc operating conditions tables. table 10 operating conditions table 11 supply voltage levels an d dc operating conditions parameter symbol values unit note min. max. operating temperature (ambient) t opr 0+65 c dram case temperature t case 0+95 c 1)2)3)4) 1) dram component case temperature is the surface temperature in the center on the top side of any of the drams. 2) within the dram component case temperature range all dram specificat ions will be supported 3) above 85 c dram case temperature the auto-refresh command interval has to be reduced to t refi = 3.9 s 4) when operating this product in the 85 c to 95 c t case temperature range, the high temperature self refresh has to be enabled by setting emr(2) bit a7 to ?1?. when the high temperatur e self refresh is enabled there is an increase of i dd6 by approximately 50%. storage temperature t stg ? 50 +100 c barometric pressure (operating & storage) pbar +69 +105 kpa 5) 5) up to 3000 m. operating humidity (relative) h opr 10 90 % parameter symbol values unit note min. typ. max. device supply voltage v dd 1.7 1.8 1.9 v output supply voltage v ddq 1.7 1.8 1.9 v 1) 1) under all conditions, v ddq must be less than or equal to v dd input reference voltage v ref 0.49 v ddq 0.5 v ddq 0.51 v ddq v 2) 2) peak to peak ac noise on v ref may not exceed 2% v ref (dc). v ref is also expected to track noise in v ddq . spd supply voltage v ddspd 1.7 ? 3.6 v dc input logic high v ih(dc) v ref +0.125 ? v ddq +0.3 v dc input logic low v il (dc ) ? 0.30 ? v ref ? 0.125 v in / output leakage current i l ? 5 ? 5 a 3) 3) input voltage for any connector pin under test of 0 v v in v ddq + 0.3 v; all other pins at 0 v. current is per pin
internet data sheet rev. 1.01, 2006-11 15 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 3.3 timing characteristics this chapter describes the ac characteristics. 3.3.1 speed grade definitions this chapter contains the speed grade definition tables. table 12 speed grade definition speed bins for ddr2?667d table 13 speed grade definition speed bins for ddr2?533c speed grade ddr2?667d unit note qag sort name ?3s cas-rcd-rp latencies 5?5?5 t ck parameter symbol min. max. ? clock frequency @ cl = 3 t ck 58ns 1)2)3)4) 1) timings are guaranteed with ck/ck differential slew rate of 2.0 v/ns. for dqs si gnals timings are guaranteed with a differential slew rate of 2.0 v/ns in differential strobe mode and a slew rate of 1 v/ns in single ended mode.timings are further guaranteed for normal ocd drive strength (emrs(1) a1 = 0) 2) the ck/ck input reference level (for timing reference to ck/ck ) is the point at which ck and ck cross. the dqs / dqs , rdqs / rdqs , input reference level is the crosspoint when in differential strobe mode 3) inputs are not recognized as valid until v ref stabilizes. during the period before v ref stabilizes, cke = 0.2 x v ddq is recognized as low. 4) the output timing reference voltage level is v tt . @ cl = 4 t ck 3.75 8 ns 1)2)3)4) @ cl = 5 t ck 38ns 1)2)3)4) row active time t ras 45 70000 ns 1)2)3)4)5) 5) t ras.max is calculated from the maximum amount of time a ddr2 devi ce can operate without a refresh command which is equal to 9 x t refi . row cycle time t rc 60 ? ns 1)2)3)4) ras-cas-delay t rcd 15 ? ns 1)2)3)4) row precharge time t rp 15 ? ns 1)2)3)4) speed grade ddr2?533c unit note qag sort name ?3.7 cas-rcd-rp latencies 4?4?4 t ck parameter symbol min. max. ? clock frequency @ cl = 3 t ck 58 ns 1)2)3)4) @ cl = 4 t ck 3.75 8 ns 1)2)3)4) @ cl = 5 t ck 3.75 8 ns 1)2)3)4) row active time t ras 45 70000 ns 1)2)3)4)5) row cycle time t rc 60 ? ns 1)2)3)4)
internet data sheet rev. 1.01, 2006-11 16 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 3.3.2 component ac timing parameters this chapter contains t he ac timing parameters. table 14 dram component timing parameter by speed grade - ddr2?667 ras-cas-delay t rcd 15 ? ns 1)2)3)4) row precharge time t rp 15 ? ns 1)2)3)4) 1) timings are guaranteed with ck/ck differential slew rate of 2.0 v/ns. for dqs si gnals timings are guaranteed with a differential slew rate of 2.0 v/ns in differential strobe mode and a slew rate of 1 v/ns in single ended mode.timings are further guaranteed for normal ocd drive strength (emrs(1) a1 = 0) 2) the ck/ck input reference level (for timing reference to ck/ck ) is the point at which ck and ck cross. the dqs / dqs , rdqs / rdqs , input reference level is the crosspoint when in differential strobe mode. 3) inputs are not recognized as valid until v ref stabilizes. during the period before v ref stabilizes, cke = 0.2 x v ddq is recognized as low. 4) the output timing reference voltage level is v tt . 5) t ras.max is calculated from the maximum amount of time a ddr2 devic e can operate without a refresh command which is equal to 9 x t refi . parameter symbol ddr2?667 unit note 1)2)3)4)5)6)7)8) min. max. dq output access time from ck / ck t ac ?450 +450 ps 9) cas to cas command delay t ccd 2?nck average clock high pulse width t ch.avg 0.48 0.52 t ck.avg 10)11) average clock period t ck.avg 3000 8000 ps cke minimum pulse width ( high and low pulse width) t cke 3?nck 12) average clock low pulse width t cl.avg 0.48 0.52 t ck.avg 10)11) auto-precharge write recovery + precharge time t dal wr + t nrp ?nck 13)14) minimum time clocks remain on after cke asynchronously drops low t delay t is + t ck .avg + t ih ?ns dq and dm input hold time t dh.base 175 ? ps 19)20)15) dq and dm input pulse width for each input t dipw 0.35 ? t ck.avg dqs output access time from ck / ck t dqsck ?400 +400 ps 9) dqs input high pulse width t dqsh 0.35 ? t ck.avg dqs input low pulse width t dqsl 0.35 ? t ck.avg dqs-dq skew for dqs & associated dq signals t dqsq ? 240 ps 16) dqs latching rising transition to associated clock edges t dqss ? 0.25 + 0.25 t ck.avg 17) dq and dm input setup time t ds.base 100 ? ps 18)19)20) dqs falling edge hold time from ck t dsh 0.2 ? t ck.avg 17) speed grade ddr2?533c unit note qag sort name ?3.7 cas-rcd-rp latencies 4?4?4 t ck parameter symbol min. max. ?
internet data sheet rev. 1.01, 2006-11 17 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module dqs falling edge to ck setup time t dss 0.2 ? t ck.avg 17) ck half pulse width t hp min( t ch.abs , t cl.abs ) ?ps 21) data-out high-impedance time from ck / ck t hz ? t ac.max ps 9)22) address and control input hold time t ih.base 275 ? ps 25)23) control & address input pulse width for each input t ipw 0.6 ? t ck.avg address and control input setup time t is.base 200 ? ps 24)25) dq low impedance time from ck/ck t lz.dq 2 t ac.min t ac.max ps 9)22) dqs/dqs low-impedance time from ck / ck t lz.dqs t ac.min t ac.max ps 9)22) mrs command to odt update delay t mod 012ns 1) mode register set command cycle time t mrd 2?nck ocd drive mode output delay t oit 012ns 1) dq/dqs output hold time from dqs t qh t hp ? t qhs ?ps 26) dq hold skew factor t qhs ? 340 ps 27) read preamble t rpre 0.9 1.1 t ck.avg 28)29) read postamble t rpst 0.4 0.6 t ck.avg 28)30) internal read to precharge command delay t rtp 7.5 ? ns 1) write preamble t wpre 0.35 ? t ck.avg write postamble t wpst 0.4 0.6 t ck.avg write recovery time t wr 15 ? ns 1) internal write to read command delay t wtr 7.5 ? ns 1)31) exit power down to read command t xard 2?nck exit active power-down mode to read command (slow exit, lower power) t xards 7 ? al ? nck exit precharge power-down to any valid command (other than nop or deselect) t xp 2?nck exit self-refresh to a non-read command t xsnr t rfc +10 ? ns 1) exit self-refresh to read command t xsrd 200 ? nck write command to dqs associated clock edges wl rl?1 nck 1) for details and notes see the relevant qimonda component data sheet 2) v ddq = 1.8 v 0.1v; v dd = 1.8 v 0.1 v. see notes 5)6)7)8) 3) timing that is not specified is ille gal and after such an event, in order to guarantee proper operation, the dram must be pow ered down and then restarted through the specified initializa tion sequence before normal operation can continue. 4) timings are guaranteed with ck/ck differential slew rate of 2.0 v/ns. for dqs si gnals timings are guaranteed with a differential slew rate of 2.0 v/ns in differential strobe mode and a slew rate of 1 v/ns in single ended mode. 5) the ck / ck input reference level (for timing reference to ck / ck ) is the point at which ck and ck cross. the dqs / dqs , rdqs / rdqs , input reference level is the crosspoint when in differential strobe mode. 6) inputs are not recognized as valid until v ref stabilizes. during the period before v ref stabilizes, cke = 0.2 x v ddq is recognized as low. 7) the output timing reference voltage level is v tt . 8) new units, ? t ck.avg ? and ?nck?, are introduced in ddr2?667 and ddr2?800. unit ? t ck.avg ? represents the actual t ck.avg of the input clock under operation. unit ?nck? represents one clock cycle of the i nput clock, counting the actual clock edges. note that in ddr2?4 00 and ddr2?533, ? t ck ? is used for both concepts. example: t xp = 2 [nck] means; if power down exit is registered at tm, an active command may be registered at tm + 2, even if (tm + 2 - tm) is 2 x t ck.avg + t err.2per(min) . parameter symbol ddr2?667 unit note 1)2)3)4)5)6)7)8) min. max.
internet data sheet rev. 1.01, 2006-11 18 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 9) when the device is operated with input clock jitter, this parameter needs to be derated by the actual t err(6-10per) of the input clock. (output deratings are relative to the sdram input clock.) for example, if the measured jitter into a ddr2?667 sdram has t err(6-10per).min = ? 272 ps and t err(6- 10per).max = + 293 ps, then t dqsck.min(derated) = t dqsck.min ? t err(6-10per).max = ? 400 ps ? 293 ps = ? 693 ps and t dqsck.max(derated) = t dqsck.max ? t err(6-10per).min = 400 ps + 272 ps = + 672 ps. similarly, t lz.dq for ddr2?667 derates to t lz.dq.min(derated) = - 900 ps ? 293 ps = ? 1193 ps and t lz.dq.max(derated) = 450 ps + 272 ps = + 722 ps. (caution on the min/max usage!) 10) input clock jitter spec parameter. these parameters are refe rred to as 'input clock jitter s pec parameters' and these param eters apply to ddr2?667 and ddr2?800 only. the jitter specified is a random jitter meeting a gaussian distribution. 11) these parameters are specified per their average values, however it is understood t hat the relationship between the average timing and the absolute instantaneous timing holds all the times (min. and max of spec values are to be used for calculations ). 12) t cke.min of 3 clocks means cke must be registered on three consecutive positive clock edges. cke must remain at the valid input level t he entire time it takes to achieve the 3 cloc ks of registration. thus, after any cke trans ition, cke may not transition from its v alid level during the time period of t is + 2 x t ck + t ih . 13) dal = wr + ru{ t rp (ns) / t ck (ns)}, where ru stands for round up. wr refers to the twr parameter stored in the mrs. for t rp , if the result of the division is not already an integer, round up to the next highest integer. t ck refers to the application clock period. example: for ddr2?533 at t ck = 3.75 ns with t wr programmed to 4 clocks. t dal = 4 + (15 ns / 3.75 ns) clocks = 4 + (4) clocks = 8 clocks. 14) t dal.nck = wr [nck] + t nrp.nck = wr + ru{ t rp [ps] / t ck.avg [ps] }, where wr is the value programmed in the emr. 15) input waveform timing t dh with differential data strobe enabled mr[bit10] = 0, is refer enced from the differential data strobe crosspoint to the input signal crossing at the v ih.dc level for a falling signal and from the differential data strobe crosspoint to the input signal crossing at the v il.dc level for a rising signal applied to the device under test. dqs, dqs signals must be monotonic between v il.dc.max and v ih.dc.min . see figure 3 . 16) t dqsq : consists of data pin skew and output pattern effects, and p-c hannel to n-channel variation of the output drivers as well as o utput slew rate mismatch between dqs / dqs and associated dq in any given cycle. 17) these parameters are measured from a data strobe signal ((l/u/r)dqs / dqs ) crossing to its respec tive clock signal (ck / ck ) crossing. the spec values are not affected by t he amount of clock jitter applied (i.e. t jit.per , t jit.cc , etc.), as these are relative to the clock signal crossing. that is, these param eters should be met whether clock jitter is present or not. 18) input waveform timing t ds with differential data strobe enabled mr[bit10] = 0, is referenced from the input signal crossing at the v ih.ac level to the differential data strobe crosspoint for a ri sing signal, and from the input signal crossing at the v il.ac level to the differential data strobe crosspoint for a falling signal appl ied to the device under test. dqs, dqs signals must be monotonic between v il(dc)max and v ih(dc)min . see figure 3 . 19) if t ds or t dh is violated, data corruption may occur and the data must be re -written with valid data before a valid read can be executed. 20) these parameters are measured from a data signal ((l/u)dm, (l/u )dq0, (l/u)dq1, etc.) transition edge to its respective data strobe signal ((l/u/r)dqs / dqs ) crossing. 21) t hp is the minimum of the absolute half period of the actual input clock. t hp is an input parameter but not an input specification parameter. it is used in conjunction with t qhs to derive the dram output timing t qh . the value to be used for t qh calculation is determined by the following equation; t hp = min ( t ch.abs , t cl.abs ), where, t ch.abs is the minimum of the actual instantaneous clock high time; t cl.abs is the minimum of the actual in stantaneous clock low time. 22) t hz and t lz transitions occur in the same access time as valid data tran sitions. these parameters are referenced to a specific voltage lev el which specifies when the device output is no longer driving ( t hz ), or begins driving ( t lz ) . 23) input waveform timing is referenced from the input signal crossing at the v il.dc level for a rising signal and v ih.dc for a falling signal applied to the device under test. see figure 4 . 24) input waveform timing is referenced from the input signal crossing at the v ih.ac level for a rising signal and v il.ac for a falling signal applied to the device under test. see figure 4 . 25) these parameters are measured from a comm and/address signal (cke, cs, ras, cas, we, odt, ba0, a0, a1, etc.) transition edge to its respective clock signal (ck / ck ) crossing. the spec values are not affect ed by the amount of cl ock jitter applied (i.e. t jit.per , t jit.cc , etc.), as the setup and hold are relative to the clock signal crossing that latches the command/address. that is, these paramet ers should be met whether clock jitter is present or not. 26) t qh = t hp ? t qhs , where: t hp is the minimum of the absolute half period of the actual input clock; and t qhs is the specification value under the max column. {the less half-pulse widt h distortion present, the larger the t qh value is; and the larger the valid data eye will be.} examples: 1) if the system provides t hp of 1315 ps into a ddr2?667 sdram, the dram provides t qh of 975 ps minimum. 2) if the system provides t hp of 1420 ps into a ddr2?667 sdram, the dram provides t qh of 1080 ps minimum. 27) t qhs accounts for: 1) the pulse duration distortion of on-ch ip clock circuits, which repr esents how well the actual t hp at the input is transferred to the output; and 2) the worst case push-out of dq s on one transition followed by the worst case pull-in of dq on the next transition, both of which are independent of each other, due to da ta pin skew, output pattern effects, and pchannel to n-channe l variation of the output drivers. 28) t rpst end point and t rpre begin point are not referenced to a specific voltage le vel but specify when the device output is no longer driving ( t rpst ), or begins driving ( t rpre ). figure 2 shows a method to calculate these point s when the device is no longer driving ( t rpst ), or begins driving ( t rpre ) by measuring the signal at two different voltages. the actual voltage measurement poi nts are not critical as long as the calculation is consistent.
internet data sheet rev. 1.01, 2006-11 19 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 29) when the device is operated with i nput clock jitter, this parameter needs to be derated by the actual t jit.per of the input clock. (output deratings are relative to the sdram input clock.) for example, if the measured jitter into a ddr2?667 sdram has t jit.per.min = ? 72 ps and t jit.per.max = + 93 ps, then t rpre.min(derated) = t rpre.min + t jit.per.min = 0.9 x t ck.avg ? 72 ps = + 2178 ps and t rpre.max(derated) = t rpre.max + t jit.per.max = 1.1 x t ck.avg + 93 ps = + 2843 ps. (caution on the min/max usage!). 30) when the device is operated with i nput clock jitter, this parameter needs to be derated by the actual t jit.duty of the input clock. (output deratings are relative to the sdram input clock.) for example, if the measured jitter into a ddr2?667 sdram has t jit.duty.min = ? 72 ps and t jit.duty.max = + 93 ps, then t rpst.min(derated) = t rpst.min + t jit.duty.min = 0.4 x t ck.avg ? 72 ps = + 928 ps and t rpst.max(derated) = t rpst.max + t jit.duty.max = 0.6 x t ck.avg + 93 ps = + 1592 ps. (caution on the min/max usage!). 31) t wtr is at lease two clocks (2 x t ck ) independent of operation frequency.
internet data sheet rev. 1.01, 2006-11 20 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module figure 2 method for calculating transitions and endpoint figure 3 differential input waveform timing - t ds and t ds figure 4 differential input waveform timing - t ls and t lh w+= w53 6 7  hq gsr l q w 7 7  92 +[p 9 92 +[p 9 92 / [p 9 92 / [p 9 w/= w5 35(  ehj l q srlqw 7 7 977 [p9 977 [p9 977 [ p9 977 [p9 w/=  w53 5 (  ehjl qsrl qw    7 7  w+=w53 6 7  hq gsrl qw    7 7  w' 6 9 '' 4 9 ,+ d f  pl q 9 ,+ g f  pl q 9 5() gf  9 ,/  g f  pd [ 9 ,/  d f  pd [ 9 66 '4 6 '46 w'+ w'6 w'+ w,6 9 '' 4 9 ,+ d f  plq 9 ,+ g f  plq 9 5() gf  9 ,/ g f  pd [ 9 ,/ d f  pd [ 9 66 &. &. w, + w, 6 w, +
internet data sheet rev. 1.01, 2006-11 21 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module table 15 dram component timing parameter by speed grade - ddr2?533 parameter symbol ddr2?533 unit note 1)2)3)4)5)6)7) min. max. dq output access time from ck / ck t ac ?500 +500 ps cas a to cas b command period t ccd 2? t ck ck, ck high-level width t ch 0.45 0.55 t ck cke minimum high and low pulse width t cke 3? t ck ck, ck low-level width t cl 0.45 0.55 t ck auto-precharge write recovery + precharge time t dal wr + t rp ? t ck 8)18) minimum time clocks remain on after cke asynchronously drops low t delay t is + t ck + t ih ?ns 9) dq and dm input hold time (differential data strobe) t dh (base) 225 ? ps 10) dq and dm input hold time (single ended data strobe) t dh1 (base) ?25 ? ps 11) dq and dm input pulse width (each input) t dipw 0.35 ? t ck dqs output access time from ck / ck t dqsck ?450 + 450 ps dqs input low (high) pulse width (write cycle) t dqsl,h 0.35 ? t ck dqs-dq skew (for dqs & associated dq signals) t dqsq ? 300 ps 11) write command to 1st dqs latching transition t dqss ? 0.25 + 0.25 t ck dq and dm input setup time (differential data strobe) t ds (base) 100 ? ps 11) dq and dm input setup time (single ended data strobe) t ds1 (base) ?25 ? ps 11) dqs falling edge hold time from ck (write cycle) t dsh 0.2 ? t ck dqs falling edge to ck setup time (write cycle) t dss 0.2 ? t ck clock half period t hp min. ( t cl, t ch ) 12) data-out high-impedance time from ck / ck t hz ? t ac.max ps 13) address and control input hold time t ih (base) 375 ? ps 11) address and control input pulse width (each input) t ipw 0.6 ? t ck address and control input setup time t is (base) 250 ? ps 11) dq low-impedance time from ck / ck t lz(dq) 2 t ac.min t ac.max ps 14) dqs low-impedance from ck / ck t lz(dqs) t ac.min t ac.max ps 14) mode register set command cycle time t mrd 2? t ck ocd drive mode output delay t oit 012ns data output hold time from dqs t qh t hp ? t qhs ? data hold skew factor t qhs ? 400 ps average periodic refresh interval t refi ?7.8 s 14)15)
internet data sheet rev. 1.01, 2006-11 22 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module average periodic refresh interval t refi ?3.9 s 16)18) auto-refresh to active/auto-refresh command period t rfc 105 ? ns 17) precharge-all (4 banks) command period t rp t rp +1 t ck ?ns precharge-all (8 banks) command period t rp 15 + 1 t ck ?ns read preamble t rpre 0.9 1.1 t ck 14) read postamble t rpst 0.40 0.60 t ck 14) active bank a to active bank b command period t rrd 7.5 ? ns 14)18) active bank a to active bank b command period t rrd 10 ? ns 16)22) internal read to precharge command delay t rtp 7.5 ? ns write preamble t wpre 0.25 ? t ck write postamble t wpst 0.40 0.60 t ck 19) write recovery time for write without auto- precharge t wr 15 ? ns internal write to read command delay t wtr 7.5 ? ns 20) exit power down to any valid command (other than nop or deselect) t xard 2? t ck 21) exit active power-down mode to read command (slow exit, lower power) t xards 6 ? al ? t ck 21) exit precharge power-down to any valid command (other than nop or deselect) t xp 2? t ck exit self-refresh to non-read command t xsnr t rfc +10 ? ns exit self-refresh to read command t xsrd 200 ? t ck write recovery time for write with auto- precharge wr t wr / t ck ? t ck 22) 1) for details and notes see the relevant qimonda component data sheet 2) v ddq = 1.8 v 0.1 v; v dd = 1.8 v 0.1 v. see notes 5)6)7)8) 3) timing that is not specified is ille gal and after such an event, in order to guarantee proper operation, the dram must be pow ered down and then restarted through the specified initializa tion sequence before normal operation can continue. 4) timings are guaranteed with ck/ck differential slew rate of 2.0 v/ns. for dqs si gnals timings are guaranteed with a differential slew rate of 2.0 v/ns in differential strobe mode and a slew rate of 1 v/ns in single ended mode. 5) the ck / ck input reference level (for timing reference to ck / ck ) is the point at which ck and ck cross. the dqs / dqs , rdqs/ rdqs , input reference level is the crosspoint when in differential strobe mode. 6) inputs are not recognized as valid until v ref stabilizes. during the period before v ref stabilizes, cke = 0.2 x v ddq is recognized as low. 7) the output timing reference voltage level is v tt . 8) for each of the terms, if not already an integer, round to the next highest integer. t ck refers to the application clock period. wr refers to the wr parameter stored in the mr. 9) the clock frequency is allowed to change during self-refresh mode or precharge power-down mode. 10) for timing definition, refer to the component data sheet. 11) consists of data pin skew and output pattern effects, and p-ch annel to n-channel variation of the output drivers as well as output slew rate mis-match between dqs / dqs and associated dq in any given cycle. 12) min ( t cl , t ch ) refers to the smaller of the actual clock low time and the ac tual clock high time as provided to the device (i.e. this value can be greater than the minimum specification limits for t cl and t ch ). parameter symbol ddr2?533 unit note 1)2)3)4)5)6)7) min. max.
internet data sheet rev. 1.01, 2006-11 23 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 13) the t hz , t rpst and t lz , t rpre parameters are referenced to a specific voltage level, which specify when the devic e output is no longer driving ( t hz, t rpst ), or begins driving ( t lz, t rpre ). t hz and t lz transitions occur in the same access time windows as valid da ta transitions.these parameters are verified by design and characteri zation, but not subject to production test. 14) the auto-refresh command interval has be reduced to 3.9 s when operating the ddr2 dram in a temperature range between 85 c and 95 c. 15) 0 c t case 85 c 16) 85 c < t case 95 c 17) a maximum of eight auto-refresh commands can be posted to any given ddr2 sdram device. 18) the t rrd timing parameter depends on the page size of the dram organization. see table 2 ?ordering informationfor rohs compliant products? on page 4 . 19) the maximum limit for the t wpst parameter is not a device limit. t he device operates with a greater value for this parameter, but system performance (bus turnaround) degrades accordingly. 20) minimum t wtr is two clocks when operating the ddr2-sdram at frequencies 200 ? z. 21) user can choose two different active pow er-down modes for additional power saving via mrs address bit a12. in ?standard acti ve power- down mode? (mr, a12 = ?0?) a fast power-down exit timing t xard can be used. in ?low active power-down mode? (mr, a12 =?1?) a slow power-down exit timing t xards has to be satisfied. 22) wr must be programmed to fulfill the minimum requirement for the t wr timing parameter, where wr min [cycles] = t wr (ns)/ t ck (ns) rounded up to the next integer value. t dal = wr + ( t rp / t ck ). for each of the terms, if not already an integer, round to the next highest integer. t ck refers to the application clock period. wr refers to the wr parameter stored in the mrs.
internet data sheet rev. 1.01, 2006-11 24 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 3.3.3 odt ac electrical characteristics this chapter contains the odt ac electrical characteristic tables. table 16 odt ac character. and operating conditions for ddr2-667 table 17 odt ac character. and operating conditions for ddr2-533 symbol parameter / cond ition values unit note min. max. t aond odt turn-on delay 2 2 nck 1) 1) new units, ' t ck.avg ' and 'nck', are introduced in ddr2-667 and ddr2-800. unit ' t ck.avg ' represents the actual t ck.avg of the input clock under operation. unit 'nck' represents one clock cycle of the input clock, counting the actual clock edges. note that in ddr2-4 00 and ddr2-533, ' t ck ' is used for both concepts. example: t xp = 2 [nck] means; if power down exit is registered at tm, an active command may be registered at tm + 2, even if (tm + 2 - tm) is 2 t ck.avg + t epr.2per(min) . t aon odt turn-on t ac.min t ac.max + 0.7 ns ns 1)2) 2) odt turn on time min is when the device leaves high impedance and odt resistance begins to turn on. odt turn on time max is w hen the odt resistance is fully on. both are measured from t aond , which is interpreted differently per speed bin. for ddr2-667/800, t aond is 2 clock cycles after the clock edge that registered a first odt high counting the actual input clock edges. t aonpd odt turn-on (pow er-down modes) t ac.min +2 ns 2 t ck + t ac.max + 1 ns ns 1) t aofd odt turn-off delay 2.5 2.5 nck 1) t aof odt turn-off t ac.min t ac.max + 0.6 ns ns 1)3) 3) odt turn off time min. is when the device starts to turn off odt resistance. odt turn off time max is when the bus is in high impedance. both are measured from t aofd . both are measured from t aofd , which is interpreted differently per speed bin. for ddr2-667/800,if t ck.avg = 3 ns is assumed, t aofd = 1.5 ns (0.5 3 ns) after the second trailing clock edge counting from the clock edge that registered a first odt low and by counting the actual input clock edge. t aofpd odt turn-off (p ower-down modes) t ac.min + 2 ns 2.5 t ck + t ac.max + 1 ns ns 1) t anpd odt to power down mode entry latency 3 ? nck 1) t axpd odt power down exit latency 8 ? nck 1) symbol parameter / cond ition values unit note min. max. t aond odt turn-on delay 2 2 t ck t aon odt turn-on t ac.min t ac.max + 1 ns ns 1) 1) odt turn on time min is when the device leaves high impedance and odt resistance begins to turn on. odt turn on time max is w hen the odt resistance is fully on. both are measured from t aond , which is interpreted differently per speed bin. for ddr2-400/533, t aond is 10 ns (= 2 x 5 ns) after the clock edge that registered a first odt high if t ck = 5 ns. t aonpd odt turn-on (pow er-down modes) t ac.min + 2 ns 2 t ck + t ac.max + 1 ns ns t aofd odt turn-off delay 2.5 2.5 t ck t aof odt turn-off t ac.min t ac.max + 0.6 ns ns 2) t aofpd odt turn-off (p ower-down modes) t ac.min + 2 ns 2.5 t ck + t ac.max + 1 ns ns t anpd odt to power down mode entry latency 3 ? t ck t axpd odt power down exit latency 8 ? t ck
internet data sheet rev. 1.01, 2006-11 25 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 3.4 i dd specifications and conditions this chapter describes the i dd specifications and conditions. table 18 i dd measurement conditions 2) odt turn off time min. is when the device starts to turn off odt resistance. odt turn off time max is when the bus is in high impedance. both are measured from t aofd . both are measured from t aofd , which is interpreted differently per speed bin. for ddr2-400/533, t aofd is 12.5 ns (= 2.5 x 5 ns) after the clock edge that registered a first odt high if t ck = 5 ns. parameter symbol note 1)2)3)4)5) operating current 0 one bank active - precharge; t ck = t ck.min , t rc = t rc.min , t ras = t ras.min , cke is high, cs is high between valid commands. address and control inputs are switching, databus inputs are switching. i dd0 operating current 1 one bank active - read - precharge; i out = 0 ma, bl = 4, t ck = t ck.min , t rc = t rc.min , t ras = t ras.min , t rcd = t rcd.min , al = 0, cl = cl min ; cke is high, cs is high between valid commands. address and control inputs are switching, databus inputs are switching. i dd1 6) precharge standby current all banks idle; cs is high; cke is high; t ck = t ck.min ; other control and address inputs are switching, databus inputs are switching. i dd2n precharge power-down current other control and address inputs are st able, data bus inputs are floating. i dd2p precharge quiet standby current all banks idle; cs is high; cke is high; t ck = t ck.min ; other control and address inputs are stable, data bus inputs are floating. i dd2q active standby current burst read: all banks open; continuous burst reads; bl = 4; al = 0, cl = cl min ; t ck = t ck.min ; t ras = t ras.max , t rp = t rp.min ; cke is high, cs is high between valid commands. address inputs are switching; data bus inputs are switching; i out = 0 ma. i dd3n active power-down current all banks open; t ck = t ck.min , cke is low; other control and addre ss inputs are stable, data bus inputs are floating. mrs a12 bit is se t to low (fast power-down exit); i dd3p(0) active power-down current all banks open; t ck = t ck.min , cke is low; other control and addre ss inputs are stable, data bus inputs are floating. mrs a12 bit is set to high (slow power-down exit); i dd3p(1) operating current - burst read all banks open; continuous burst re ads; bl = 4; al = 0, cl = cl min ; t ck = t ckmin ; t ras = t rasmax ; t rp = t rpmin ; cke is high, cs is high between valid co mmands; address inputs are switching; data bus inputs are switching; i out = 0ma. i dd4r 6) operating current - burst write all banks open; continuous burst wr ites; bl = 4; al = 0, cl = cl min ; t ck = t ck.min ; t ras = t ras.max. , t rp = t rp.max ; cke is high, cs is high between valid commands. address inputs are switching; data bus in puts are switching; i dd4w burst refresh current t ck = t ck.min ., refresh command every t rfc = t rfc.min interval, cke is high, cs is high between valid commands, other control and address inputs ar e switching, data bus inputs are switching. i dd5b
internet data sheet rev. 1.01, 2006-11 26 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module table 19 definitions for i dd distributed refresh current t ck = t ck.min. , refresh command every t rfc = t refi interval, cke is low and cs is high between valid commands, other control and address inputs ar e switching, data bus inputs are switching. i dd5d self-refresh current cke 0.2 v; external clock off, ck and ck at 0 v; other control and address inputs are floating, data bus inputs are floating. i dd6 current values are guaranteed up to t case of 85 c max. i dd6 all bank interleave read current all banks are being interleaved at minimum t rc without violating t rrd using a burst length of 4. control and address bus inputs are stable during deselects. i out = 0 ma. i dd7 6) 1) v ddq = 1.8 v 0.1 v; v dd = 1.8 v 0.1 v 2) i dd specifications are tested after t he device is properly initialized and i dd parameter are specified with odt disabled. 3) definitions for i dd see table 19 4) for two rank modules: for all active current meas urements the other rank is in precharge power-down mode i dd2p 5) for details and notes see the relevant qimonda component data sheet 6) i dd1 , i dd4r and i dd7 current measurements are defined with the outputs disabled ( i out = 0 ma). to achieve this on module level the output buffers can be disabled using an emrs(1) (extended m ode register command) by setting a12 bit to high. parameter description low v in v il(ac).max , high is defined as v in v ih(ac).min stable inputs are stable at a high or low level floating inputs are v ref = v ddq /2 switching inputs are changing between hi gh and low every other clock (once per 2 cycles) for address and control signals, and inputs changing between high and low ever y other data transfer (once per cycle) for dq signals not including mask or strobes parameter symbol note 1)2)3)4)5)
internet data sheet rev. 1.01, 2006-11 27 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module table 20 i dd specification for hys64t128022hm?[3s/3.7]?a product type hys64t128022hm?3s?a hys64t128022hm?3.7?a unit note 1) 1) calculated values from component data. odt disabled. i dd1 , i dd4r and i dd7 are defined with the outputs disabled organization 1 gb 1 gb 64 64 2 ranks 2 ranks ?3s ?3.7 symbol max. max. i dd0 608 552 ma 2) 2) the other rank is in i dd2p precharge power-down current mode i dd1 720 632 ma 2) i dd2n 800 640 ma 3) 3) both ranks are in the same i dd current mode i dd2p 80 64 ma 3) i dd2q 640 480 ma 3) i dd3n 800 640 ma 3) i dd3p_0 (fast) 304 256 ma 3)4) 4) fast: mrs(12)=0 i dd3p_1 (slow) 96 80 ma 3)5) 5) slow: mrs(12)=1 i dd4r 1080 752 ma 2) i dd4w 1160 792 ma 2) i dd5b 1160 1072 ma 2) i dd5d 96 96 ma 3)6) 6) idd5d and i dd6 values are for 0 c t case 85 c i dd6 80 64 ma 3)6) i dd7 1216 1155 ma 2)
internet data sheet rev. 1.01, 2006-11 28 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 4 spd codes this chapter lists all hexadecimal byte values stored in the eeprom of the products described in this data sheet. spd stands for serial presence detect. all values with xx in the table are module specific bytes which are defined during production. table 21 spd codes for hys64t128022hm?[3s/3.7]?a product type hys64t128022hm?3s?a hys64t128022hm?3.7?a organization 1 gbyte 1 gbyte 64 64 2 ranks ( 8) 2 ranks ( 8) label code pc2?5300m?555 pc2?4200m?444 jedec spd revision rev. 1.2 rev. 1.2 byte# description hex hex 0 programmed spd bytes in eeprom 80 80 1 total number of bytes in eeprom 08 08 2 memory type (ddr2) 08 08 3 number of row addresses 0e 0e 4 number of column addresses 0a 0a 5 dimm rank and stacking information 71 71 6 data width 40 40 7 not used 00 00 8 interface voltage level 05 05 9 t ck @ cl max (byte 18) [ns] 30 3d 10 t ac sdram @ cl max (byte 18) [ns] 45 50 11 error correction supp ort (non-ecc, ecc) 00 00 12 refresh rate and type 82 82 13 primary sdram width 08 08 14 error checking sdram width 00 00 15 not used 00 00 16 burst length supported 0c 0c 17 number of banks on sdram device 04 04 18 supported cas latencies 38 38 19 dimm mechanical characteristics 00 00 20 dimm type information 08 08 21 dimm attributes 00 00 22 component attributes 03 03 23 t ck @ cl max -1 (byte 18) [ns] 3d 3d
internet data sheet rev. 1.01, 2006-11 29 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 24 t ac sdram @ cl max -1 [ns] 50 50 25 t ck @ cl max -2 (byte 18) [ns] 50 50 26 t ac sdram @ cl max -2 [ns] 60 60 27 t rp.min [ns] 3c 3c 28 t rrd.min [ns] 1e 1e 29 t rcd.min [ns] 3c 3c 30 t ras.min [ns] 2d 2d 31 module density per rank 80 80 32 t as.min and t cs.min [ns] 20 25 33 t ah.min and t ch.min [ns] 27 37 34 t ds.min [ns] 10 10 35 t dh.min [ns] 17 22 36 t wr.min [ns] 3c 3c 37 t wtr.min [ns] 1e 1e 38 t rtp.min [ns] 1e 1e 39 analysis characteristics 00 00 40 t rc and t rfc extension 00 00 41 t rc.min [ns] 3c 3c 42 t rfc.min [ns] 69 69 43 t ck.max [ns] 80 80 44 t dqsq.max [ns] 18 1e 45 t qhs.max [ns] 22 28 46 pll relock time 00 00 47 t case.max delta / ? t 4r4w delta 53 51 48 psi(t-a) dram 78 78 49 ? t 0 (dt0) 4b 3f 50 ? t 2n (dt2n, udimm) or ? t 2q (dt2q, rdimm) 39 2e 51 ? t 2p (dt2p) 26 1e 52 ? t 3n (dt3n) 26 1e 53 ? t 3p.fast (dt3p fast) 2b 24 54 ? t 3p.slow (dt3p slow) 1b 17 55 ? t 4r (dt4r) / ? t 4r4w sign (dt4r4w) 4a 34 56 ? t 5b (dt5b) 20 1e product type hys64t128022hm?3s?a hys64t128022hm?3.7?a organization 1 gbyte 1 gbyte 64 64 2 ranks ( 8) 2 ranks ( 8) label code pc2?5300m?555 pc2?4200m?444 jedec spd revision rev. 1.2 rev. 1.2 byte# description hex hex
internet data sheet rev. 1.01, 2006-11 30 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 57 ? t 7 (dt7) 22 20 58 psi(ca) pll 00 00 59 psi(ca) reg 00 00 60 ? t pll (dtpll) 00 00 61 ? t reg (dtreg) / toggle rate 00 00 62 spd revision 12 12 63 checksum of bytes 0-62 f4 ea 64 manufacturer?s jedec id code (1) 7f 7f 65 manufacturer?s jedec id code (2) 7f 7f 66 manufacturer?s jedec id code (3) 7f 7f 67 manufacturer?s jedec id code (4) 7f 7f 68 manufacturer?s jedec id code (5) 7f 7f 69 manufacturer?s jedec id code (6) 51 51 70 manufacturer?s jedec id code (7) 00 00 71 manufacturer?s jedec id code (8) 00 00 72 module manufacturer location xx xx 73 product type, char 1 36 36 74 product type, char 2 34 34 75 product type, char 3 54 54 76 product type, char 4 31 31 77 product type, char 5 32 32 78 product type, char 6 38 38 79 product type, char 7 30 30 80 product type, char 8 32 32 81 product type, char 9 32 32 82 product type, char 10 48 48 83 product type, char 11 4d 4d 84 product type, char 12 33 33 85 product type, char 13 53 2e 86 product type, char 14 41 37 87 product type, char 15 20 41 88 product type, char 16 20 20 89 product type, char 17 20 20 product type hys64t128022hm?3s?a hys64t128022hm?3.7?a organization 1 gbyte 1 gbyte 64 64 2 ranks ( 8) 2 ranks ( 8) label code pc2?5300m?555 pc2?4200m?444 jedec spd revision rev. 1.2 rev. 1.2 byte# description hex hex
internet data sheet rev. 1.01, 2006-11 31 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 90 product type, char 18 20 20 91 module revision code 2x 3x 92 test program revision code xx xx 93 module manufacturing date year xx xx 94 module manufacturing date week xx xx 95 - 98 module serial number xx xx 99 - 127 not used 00 00 128 - 255 blank for customer use ff ff product type hys64t128022hm?3s?a hys64t128022hm?3.7?a organization 1 gbyte 1 gbyte 64 64 2 ranks ( 8) 2 ranks ( 8) label code pc2?5300m?555 pc2?4200m?444 jedec spd revision rev. 1.2 rev. 1.2 byte# description hex hex
internet data sheet rev. 1.01, 2006-11 32 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 5 package outlines this chapter contains the package outlines of the products. figure 5 package outline l-dim-214-04 notes 1. drawing according to iso 8015 2. dimensions in mm 3. general tolerances +/- 0.15     ?   ?   ?                         " ' , $        ! $   - ! 8     - ! 8     x       ?    ?    ?        ?    ?     ?                ?         " u r n i s h e d n o b u r r a l l o w e d      ?       % # $    x $ e t a i l o f c o n t a c t s ! ! # o n t a c t ! r e a   ?    " "                                   #   # - " - %   - ! " - " " ! ! ?      #
internet data sheet rev. 1.01, 2006-11 33 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 6 product type nomenclature qimonda?s nomenclature uses simple coding combined with some proprietary coding. table 22 provides examples for module and component product type number as well as the field number. the detailed field description together with possible values and coding explanation is listed for modules in table 23 and for components in table 24 . table 22 nomenclature fields and examples table 23 ddr2 dimm nomenclature example for field number 1234567891011 micro-dimm hys 64 t 64/128 0 2 0 k m ?5 ?a ddr2 dram hyb 18 t 512/1g 16 0 a c ?5 field description values coding 1 qimonda module prefix hys constant 2 module data width [bit] 64 non-ecc 72 ecc 3 dram technology t ddr2 4 memory density per i/o [mbit]; module density 1) 32 256 mbyte 64 512 mbyte 128 1 gbyte 256 2 gbyte 512 4 gbyte 5 raw card generation 0 .. 9 look up table 6 number of module ranks 0, 2, 4 1, 2, 4 7 product variations 0 .. 9 look up table 8 package, lead-free stat us a .. z look up table 9 module type d so- d imm m m icro-dimm r r egistered u u nbuffered f f ully buffered
internet data sheet rev. 1.01, 2006-11 34 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module table 24 ddr2 dram nomenclature 10 speed grade ?2.5f pc2?6400 5?5?5 ?2.5 pc2?6400 6?6?6 ?3 pc2?5300 4?4?4 ?3s pc2?5300 5?5?5 ?3.7 pc2?4200 4?4?4 ?5 pc2?3200 3?3?3 11 die revision ?a first ?b second 1) multiplying ?memory density per i/o? with ?module data width? and dividing by 8 for non-ecc and 9 for ecc modules gives the o verall module memory density in mbytes as listed in column ?coding?. field description values coding 1 qimonda component prefix hyb constant 2 interface voltage [v] 18 sstl_18 3 dram technology t ddr2 4 component density [mbit] 256 256 mbit 512 512 mbit 1g 1 gbit 2g 2 gbit 5+6 number of i/os 40 4 80 8 16 16 7 product variations 0 .. 9 look up table 8 die revision a first b second 9 package, lead-free status c fbga, lead-containing f fbga, lead-free 10 speed grade ?25f ddr2-800 5-5-5 ?2.5 ddr2-800 6-6-6 ?3 ddr2-667 4-4-4 ?3s ddr2-667 5-5-5 ?3.7 ddr2-533 4-4-4 ?5 ddr2-400 3-3-3 field description values coding
internet data sheet rev. 1.01, 2006-11 35 06212006-ddw4-nmie hys64t128022hm?[3s/3.7]?a 214-pin micro-dimm-ddr2-sdram module 1 overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 1.1 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 1.2 description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2 pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 3.1 absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 3.2 dc operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 3.3 timing characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 3.3.1 speed grade definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 3.3.2 component ac timing parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 3.3.3 odt ac electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 3.4 i dd specifications and conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 4 spd codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 5 package outlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 6 product type nomenclature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 table of contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 table of contents
edition 2006-11 published by qimonda ag gustav-heinemann-ring 212 d-81739 mnchen, germany ? qimonda ag 2006. all rights reserved. legal disclaimer the information given in this internet data sheet shall in no ev ent be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hi nts given herein, any typical values stated herein and/or any information regarding the application of the device, qimonda hereby disclaims any and all warranties and liabilities of any kin d, including without limitation warranties of non-infringem ent of intellectual property rights of any third party. information for further information on technology, delivery terms and conditio ns and prices please contact your nearest qimonda office. warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest qimonda office. qimonda components may only be used in life-support devices or systems with the express writte n approval of qimonda, if a failure of such components can reasonably be expected to cause the failure of that life-support devi ce or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is re asonable to assume that the he alth of the user or other persons may be endangered. www.qimonda.com internet data sheet


▲Up To Search▲   

 
Price & Availability of HYS64T128022HM-37-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X